PART |
Description |
Maker |
ACS781 ACS781KLRTR-150B-T ACS781LLRTR-100B-T ACS78 |
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 μΩ Current Conductor Core-less, micro-sized, 100 A continuous current package
|
Allegro MicroSystems
|
2SD780 |
Micro package. High DC current gain. hFE: 200TYP.(VCE=1.0V,IC=50mA).
|
TY Semiconductor Co., Ltd
|
HDSP HDSP-N40X HDSP-335X HDSP-555X HDSP-751X HDSP- |
HDSP-5557 · Low Current Seven Segment Displays HDSP-5551 · Low Current Seven Segment Displays HDSP-K121 · Low Current Seven Segment Displays HDSP-K123 · Low Current Seven Segment Displays HDSP-7513 · Low Current seven Segment Displays HDSP-5558 · Low Current Seven Segment Displays HDSP-3353 · Low Current Seven Segment Displays HDSP-3351 · Low Current Seven Segment Displays HDSP-N106 · 20 mm (0.8 inch) Overflow Character Displays HDSP-N105 · 20 mm (0.8 inch) Seven Segment Displays HDSP-H108 · Low Current Seven Segment Displays HDSP-H107 · Low Current Seven Segment Displays HDSP-H103 · Low Current Seven Segment Displays HDSP-H101 · Low Current Seven Segment Displays HDSP-F103 · Low Current Seven Segment displays HDSP-F101 · Low Current Seven Segment displays HDSP-E103 · Low Current Seven Segment Displays HDSP-E101 · Low Current Seven Segment Displays HDSP-E100 · Low Current Seven Segment Displays HDSP-G103 · Low Current Seven Segment displays HDSP-G101 · Low Current Seven Segment displays HDSP-A803 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A801 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A103 · Low Current seven Segment Displays HDSP-A101 · Low Current seven Segment Displays HDSP-7513-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-H107-DE000 · Low Current Seven Segment Displays HDSP-A101-FG000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-5553-BC000 · Low Current Seven Segment Displays HDSP-E106 · 10.9 mm (0.43 inch) Overflow Character Displays HDSP-A108 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-A107-FG000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7517 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-F108 · Low Current Overflow Character displays HDSP-A808 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7518 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-A807 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-A107 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-F107 · Low Current Overflow Character displays HDSP-7517-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7511-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-3356 · 10.9 mm (0.43 inch) Overflow Character Displays HDSP-3351-CD000 · 10.9 mm (0.43 inch) Seven Segment Displays HDSP-H108-DE000 · Low Current Seven Segment Displays HDSP-N106-CD000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-N105-CD000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-F103-EF000 · Low Current Seven Segment displays HDSP-A103-FG000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-H103-DE000 · Low Current Seven Segment Displays HDSP-F101-EF000 · Low Current Seven Segment displays HDSP-H101-CD000 · Low Current Seven Segment Displays HDSP-E101-EF000 · 10.9 mm (0.43 inch) Seven Segment Displays HDSP-H101-DE000 · Low Current Seven Segment Displays HDSP-3350 · 10.9 mm (0.43 inch) Seven Segment Displays HDSP-K701 · Low Current Seven Segment Displays HDSP-N103-CD000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N103 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N101-CD000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N101 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N100 · 20 mm (0.8 inch) Seven Segment Displays HDSP-A908 · Low Current Seven Segment Displays HDSP-A907 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A903 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A901 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-E100-EF000 · 10.9 mm (0.43 inch) Seven Segment Displays (HDSP-xxxx) Low Current Seven Segment Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM1032 |
High Accuracy, Remote Thermal Diode Monitor in Micro SOIC Package
|
Analog Devices
|
AM2968ALC AM2968ALCB AM2968DC AM2968A/BUA AM2968A/ |
Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2128 packaged in a Lead-Free 8-Lead PDIP Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF shipped on Tape and Reel High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF with Standard Packaging Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP DRAMController
|
|
LTC1775 LTC1775I LTC1775IGN LTC1775IS LTC1775C LTC |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 85 High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology Corporation LINER[Linear Technology]
|
PMR209MB5470M100 PMR209MC6220M047 |
High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C *电容类X2 0.047UF 100R High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C 钢筋混凝土GLIED 0.22UF 47欧姆
|
Electronic Theatre Controls, Inc.
|
NCP1216AD100R2G NCP1216AP100G NCP1216D133R2G NCP12 |
PWM Current-Mode Controller for High-Power Universal Off-line Supplies; Package: PDIP (8 Minus Pin 7); No of Pins: 7; Container: Rail; Qty per Container: 1000 0.5 A SWITCHING CONTROLLER, 110 kHz SWITCHING FREQ-MAX, PDIP7 PWM Current-Mode Controller for High-Power Universal Off-line Supplies with 50% Duty Cycle max; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
|
ON Semiconductor
|
98-0223 IR2125 IR2125S IR2125STR |
Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 16-lead SOIC package
|
International Rectifier
|
ADC08161CMJ |
High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C
|
电流感应放大
|